power transformer pc mount: flat pack ? web: www.triadmagnetics.com phone 951 - 277 - 0757 fax 951 - 277 - 2757 460 harley knox blvd. perris, california 92571 publish date: december 4, 2013 f p 4 0 - 12 00 electrical specifications ( @25 c ) 1. maximum power: 48 va 2. primary voltage : series: 230v@ 50/ 60 hz parallel: 115v@50/60hz 3. secondary: series: 40 .0 v ct @ 1 . 2 amps parallel: 20 .0 v @ 1 . 2 amps description: the fp 40 - 12 00 is part of a series which has a long history of reliable service in the field, made from a proven design and constructed with ul recognized materials. construction: wound on two dual channel nylon bobbin . materials are ul recogni zed, class b ( 130o c) rate d. safety: thes e products are 100% hipo t tested with an insulation of 200 0v between primary and secondary windings and 1500v between the primary / secondary windings and the core . agency file: ul: file e53148, ul 506, class b general purpose transformer, cul: file e531 48, ul 506, class b general purpose transformer, canadian use dimensions : a b c d e f g 3.12 2. 5 0 1.375 0.267 0.600 0.669 2.18 units: in inches weight: 21 .0 oz pin dimension: .020 x .041 in schematic : rohs compliance: as of manufacturing date february 2005, all standard products meet the requirements of 2011/65/eu, known as the rohs initiative. * upon printing, this document is co nsidered uncontrolled. please contact triad magnetics website for the most current versi on. 1 2 4 3 7 8 6 5 5 6 8 7 3 4 2 1 .0 6 0 d ia h ol es b e f e g a c d
|